Part Number Hot Search : 
15D120KG KAS0712 MB4107A OH1881 ADC08 ENA0972 P3000 FJ256
Product Description
Full Text Search
 

To Download 0022280080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/21/2010 please check www.molex.com for latest part information part number: 0022280080 status: active description: 2.54mm (.100") pitch kk? header, breakaway, vertical, with friction lock, 8 circuits, tin (sn) plating documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 42227 application wire-to-board product name kk? physical breakaway yes circuits (loaded) 8 circuits (maximum) 8 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 100 plating min: mating (m) 2.5 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part no polarized to pcb no shrouded no stackable no temperature range - operating 0c to +75c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42227 series mates with 2695 , 6471 , 7880 , 4455 , 7720
current - maximum per contact 4a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 42227-0008 reference - drawing numbers product specification ps-10-07 sales drawing sd-42227-001 this document was generated on 03/21/2010 please check www.molex.com for latest part information

rev: sheet no. see sheet 1 k title: .100 friction lock breakaway header assy. - 2 - document number: created / revised by: checked by: approved by: sd- 42227 -001 s. linehan 03/04/2004 k.samiec 03/04/2004 y. margulis 03/04/2004 template filename: product_ spec[size_a](v.1).doc a-42227-0002/0036 header number: 41411 pin number: 42663-axa154 pin length: l .540/13.72 mating length: m .295/7.49 gold point: g n/a pc tail length: p .120/3.05 tin: t overall ckts: 2-36 kinks: no removed backwalls: no voided ckts: none packaging: bulk 40873-0056 ckts material number eng number ckts material number eng number 02 22-28-0020 a-42227-0002 20 22-28-0200 a-42227-0020 03 22-28-0030 a-42227-0003 21 22-28-0210 a-42227-0021 04 22-28-0040 a-42227-0004 22 22-28-0220 a-42227-0022 05 22-28-0050 a-42227-0005 23 22-28-0230 a-42227-0023 06 22-28-0060 a-42227-0006 24 22-28-0240 a-42227-0024 07 22-28-0070 a-42227-0007 25 22-28-0250 a-42227-0025 08 22-28-0080 a-42227-0008 26 22-28-0260 a-42227-0026 09 22-28-0090 a-42227-0009 27 22-28-0270 a-42227-0027 10 22-28-0100 a-42227-0010 28 22-28-0280 a-42227-0028 11 22-28-0110 a-42227-0011 29 22-28-0290 a-42227-0029 12 22-28-0120 a-42227-0012 30 22-28-0300 a-42227-0030 13 22-28-0130 a-42227-0013 31 22-28-0310 a-42227-0031 14 22-28-0140 a-42227-0014 32 22-28-0320 a-42227-0032 15 22-28-0150 a-42227-0015 33 22-28-0330 a-42227-0033 16 22-28-0160 a-42227-0016 34 22-28-0340 a-42227-0034 17 22-28-0170 a-42227-0017 35 22-28-0350 a-42227-0035 18 22-28-0180 a-42227-0018 36 22-28-0360 a-42227-0036 19 22-28-0190 a-42227-0019 a-42227-0037/0071 header number: 41411 pin number: 42663-axb208 pin length: l .540/13.72 mating length: m .295/7.49 gold point: g .180/4.57 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: no removed backwalls: no voided ckts: none packaging: bulk 40873-0056 ckts material number eng number ckts material number eng number 02 22-28-0021 a-42227-0037 20 22-28-0201 a-42227-0055 03 22-28-0031 a-42227-0038 21 22-28-0211 a-42227-0056 04 22-28-0041 a-42227-0039 22 22-28-0221 a-42227-0057 05 22-28-0051 a-42227-0040 23 22-28-0231 a-42227-0058 06 22-28-0061 a-42227-0041 24 22-28-0241 a-42227-0059 07 22-28-0071 a-42227-0042 25 22-28-0251 a-42227-0060 08 22-28-0081 a-42227-0043 26 22-28-0261 a-42227-0061 09 22-28-0091 a-42227-0044 27 22-28-0271 a-42227-0062 10 22-28-0101 a-42227-0045 28 22-28-0281 a-42227-0063 11 22-28-0111 a-42227-0046 29 22-28-0291 a-42227-0064 12 22-28-0121 a-42227-0047 30 22-28-0301 a-42227-0065 13 22-28-0131 a-42227-0048 31 22-28-0311 a-42227-0066 14 22-28-0141 a-42227-0049 32 22-28-0321 a-42227-0067 15 22-28-0151 a-42227-0050 33 22-28-0331 a-42227-0068 16 22-28-0161 a-42227-0051 34 22-28-0341 a-42227-0069 17 22-28-0171 a-42227-0052 35 22-28-0351 a-42227-0070 18 22-28-0181 a-42227-0053 36 22-28-0361 a-42227-0071 19 22-28-0191 a-42227-0054
rev: sheet no. see sheet 1 k title: .100 friction lock breakaway header assy. - 3 - document number: created / revised by: checked by: approved by: sd- 42227 -001 s. linehan 03/04/2004 k.samiec 03/04/2004 y. margulis 03/04/2004 template filename: product_ spec[size_a](v.1).doc a-42227-0072/0106 header number: 41411 pin number: 42663-axb228 pin length: l .540/13.72 mating length: m .295/7.49 gold point: g .180/4.57 pc tail length: p .120/3.05 tin: t .135/3.43 ckts: 2-36 kinks: no removed backwalls: no voided ckts: none packaging: bulk 40873-0056 ckts material number eng number ckts material number eng number 02 22-28-0022 a-42227-0072 20 22-28-0202 a-42227-0090 03 22-28-0032 a-42227-0073 21 22-28-0212 a-42227-0091 04 22-28-0042 a-42227-0074 22 22-28-0222 a-42227-0092 05 22-28-0052 a-42227-0075 23 22-28-0232 a-42227-0093 06 22-28-0062 a-42227-0076 24 22-28-0242 a-42227-0094 07 22-28-0072 a-42227-0077 25 22-28-0252 a-42227-0095 08 22-28-0082 a-42227-0078 26 22-28-0262 a-42227-0096 09 22-28-0092 a-42227-0079 27 22-28-0272 a-42227-0097 10 22-28-0102 a-42227-0080 28 22-28-0282 a-42227-0098 11 22-28-0112 a-42227-0081 29 22-28-0292 a-42227-0099 12 22-28-0122 a-42227-0082 30 22-28-0302 a-42227-0100 13 22-28-0132 a-42227-0083 31 22-28-0312 a-42227-0101 14 22-28-0142 a-42227-0084 32 22-28-0322 a-42227-0102 15 22-28-0152 a-42227-0085 33 22-28-0332 a-42227-0103 16 22-28-0162 a-42227-0086 34 22-28-0342 a-42227-0104 17 22-28-0172 a-42227-0087 35 22-28-0352 a-42227-0105 18 22-28-0182 a-42227-0088 36 22-28-0362 a-42227-0106 19 22-28-0192 a-42227-0089 a-42227-0107/0141 header number: 41411 pin number: 42663-baa154 pin length: l .555/14.10 mating length: m .295/7.49 gold point: g n/a pc tail length: p .135/3.43 tin: t overall ckts: 2-36 kinks: yes removed backwalls: no voided ckts: none packaging: bulk 40873-0056 ckts material number eng number ckts material number eng number 02 22-28-0023 a-42227-0107 20 22-28-0203 a-42227-0125 03 22-28-0033 a-42227-0108 21 22-28-0213 a-42227-0126 04 22-28-0043 a-42227-0109 22 22-28-0223 a-42227-0127 05 22-28-0053 a-42227-0110 23 22-28-0233 a-42227-0128 06 22-28-0063 a-42227-0111 24 22-28-0243 a-42227-0129 07 22-28-0073 a-42227-0112 25 22-28-0253 a-42227-0130 08 22-28-0083 a-42227-0113 26 22-28-0263 a-42227-0131 09 22-28-0093 a-42227-0114 27 22-28-0273 a-42227-0132 10 22-28-0103 a-42227-0115 28 22-28-0283 a-42227-0133 11 22-28-0113 a-42227-0116 29 22-28-0293 a-42227-0134 12 22-28-0123 a-42227-0117 30 22-28-0303 a-42227-0135 13 22-28-0133 a-42227-0118 31 22-28-0313 a-42227-0136 14 22-28-0143 a-42227-0119 32 22-28-0323 a-42227-0137 15 22-28-0153 a-42227-0120 33 22-28-0333 a-42227-0138 16 22-28-0163 a-42227-0121 34 22-28-0343 a-42227-0139 17 22-28-0173 a-42227-0122 35 22-28-0353 a-42227-0140 18 22-28-0183 a-42227-0123 36 22-28-0363 a-42227-0141 19 22-28-0193 a-42227-0124
rev: sheet no. see sheet 1 k title: .100 friction lock breakaway header assy. - 4 - document number: created / revised by: checked by: approved by: sd- 42227 -001 s. linehan 03/04/2004 k.samiec 03/04/2004 y. margulis 03/04/2004 template filename: product_ spec[size_a](v.1).doc a-42227-0142/0176 header number: 41411 pin number: 42663-bab208 pin length: l .555/14.10 mating length: m .295/7.49 gold point: g .180/4.57 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: yes removed backwalls: no voided ckts: none packaging: bulk 40873-0056 ckts material number eng number ckts material number eng number 02 22-28-0024 a-42227-0142 20 22-28-0204 a-42227-0160 03 22-28-0034 a-42227-0143 21 22-28-0214 a-42227-0161 04 22-28-0044 a-42227-0144 22 22-28-0224 a-42227-0162 05 22-28-0054 a-42227-0145 23 22-28-0234 a-42227-0163 06 22-28-0064 a-42227-0146 24 22-28-0244 a-42227-0164 07 22-28-0074 a-42227-0147 25 22-28-0254 a-42227-0165 08 22-28-0084 a-42227-0148 26 22-28-0264 a-42227-0166 09 22-28-0094 a-42227-0149 27 22-28-0274 a-42227-0167 10 22-28-0104 a-42227-0150 28 22-28-0284 a-42227-0168 11 22-28-0114 a-42227-0151 29 22-28-0294 a-42227-0169 12 22-28-0124 a-42227-0152 30 22-28-0304 a-42227-0170 13 22-28-0134 a-42227-0153 31 22-28-0314 a-42227-0171 14 22-28-0144 a-42227-0154 32 22-28-0324 a-42227-0172 15 22-28-0154 a-42227-0155 33 22-28-0334 a-42227-0173 16 22-28-0164 a-42227-0156 34 22-28-0344 a-42227-0174 17 22-28-0174 a-42227-0157 35 22-28-0354 a-42227-0175 18 22-28-0184 a-42227-0158 36 22-28-0364 a-42227-0176 19 22-28-0194 a-42227-0159 a-42227-0177/0211 header number: 41411 pin number: 42663-bab228 pin length: l .555/14.10 mating length: m .295/7.49 gold point: g .180/4.57 pc tail length: p .135/3.43 tin: t .135/3.43 ckts: 2-36 kinks: yes removed backwalls: no voided ckts: none packaging: bulk 40873-0056 ckts material number eng number ckts material number eng number 02 22-28-0025 a-42227-0177 20 22-28-0205 a-42227-0195 03 22-28-0035 a-42227-0178 21 22-28-0215 a-42227-0196 04 22-28-0045 a-42227-0179 22 22-28-0225 a-42227-0197 05 22-28-0055 a-42227-0180 23 22-28-0235 a-42227-0198 06 22-28-0065 a-42227-0181 24 22-28-0245 a-42227-0199 07 22-28-0075 a-42227-0182 25 22-28-0255 a-42227-0200 08 22-28-0085 a-42227-0183 26 22-28-0265 a-42227-0201 09 22-28-0095 a-42227-0184 27 22-28-0275 a-42227-0202 10 22-28-0105 a-42227-0185 28 22-28-0285 a-42227-0203 11 22-28-0115 a-42227-0186 29 22-28-0295 a-42227-0204 12 22-28-0125 a-42227-0187 30 22-28-0305 a-42227-0205 13 22-28-0135 a-42227-0188 31 22-28-0315 a-42227-0206 14 22-28-0145 a-42227-0189 32 22-28-0325 a-42227-0207 15 22-28-0155 a-42227-0190 33 22-28-0335 a-42227-0208 16 22-28-0165 a-42227-0191 34 22-28-0345 a-42227-0209 17 22-28-0175 a-42227-0192 35 22-28-0355 a-42227-0210 18 22-28-0185 a-42227-0193 36 22-28-0365 a-42227-0211 19 22-28-0195 a-42227-0194


▲Up To Search▲   

 
Price & Availability of 0022280080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X